yageo corporation smd inductor / beads ssl0618 series smd power inductors for ssl series provide excellent current carrying capabilities in a small footprint. they have a fat top for reliable pick and place operations and features robust temperature defection. in addition to the standard versions shown here, custom inductors are available to meet your exact require - ment. ssl - - p r od uct i d e n ti f icati on international no. tolerance inductance packaging style dimensions product symbol e lectrical c haracteristics p art no . i nd uc ta n ce sr f d c isat ** irms *** ( h 20%) * ( m hz) resista n ce (a) (a) ( ? +0 ) ssl0618t-1r0m-s 1.0 230 0.04 2.50 2.30 ssl0618t-1r5m-s 1.5 180 0.06 2.20 2.10 ssl0618t-2r2m-s 2.2 140 0.07 1.80 1.70 ssl0618t-3r3m-s 3.3 110 0.12 1.40 1.30 ssl0618t-4r7m-s 4.7 100 0.15 1.20 1.10 ssl0618t-6r8m-s 6.8 80 0.20 1.10 1.00 ssl0618t-100m-s 10 60 0.26 1.00 0.90 SSL0618T-150M-S 15 45 0.40 0.80 0.70 ssl0618t-220m-s 22 35 0.54 0.60 0.50 ssl0618t-330m-s 33 30 0.74 0.50 0.45 ssl0618t-470m-s 47 22 1.10 0.45 0.40 ssl0618t-680m-s 68 20 1.60 0.35 0.35 ssl0618t-101m-s 100 15 2.30 0.30 0.30 ssl0618t-151m-s 150 10 3.50 0.25 0.25 ssl0618t-221m-s 220 9 5.70 0.20 0.18 ssl0618t-331m-s 330 8 8.20 0.16 0.16 ssl0618t-471m-s 470 7 10.8 0.14 0.12 ssl0618t-681m-s 680 5 17.2 0.12 0.10 ssl0618t-102m-s 1000 4 22.6 0.08 0.08 * inductance tested at 100 khz , 0.1 vrms ** dc current at which the inductance drops 10% (typ) from its value without current. *** averafe current for a 40c rise above 25c ambient. **** operating temperature range -40c to +85c ***** electroical specifcations at 25c descri p ti on ? 2mm max height ? inductance range from 1h to 1000h ? current range from 2.3amps to 0.08amps ? very competitive cost design. en vir onm e n tal data storage temperature range: -40c to +125c operating ambient temperature range: -40c to +85c (range is application specifc). temperature rise is approximately 40c at rated rms current infrared reflow temperature : +240c for 30 seconds. app licati on s digital cameras, cd players, cellular phones, and pdas pcmcia cards gps systems sha p es a nd d i m e n si on s dimensions : mm 6.5 1.24 3.81 2.35 4 1.4 2.0 1.8 5.3 + / - 0.1
253 temperature c for: lead solder for: lead-free solder time:second pre-heating 60 second 120 second 80 second 5~10 second soldering natural cooling 260 c 230 c 160 c 150 c rec omm e nd s o l d eri n g c ond iti on s for:cl/ clh/ sqv/ smd power inductors/ smd chip beads/ smd filters, transformers, current sensors
|